PART |
Description |
Maker |
MIC2169BYMM MIC2169B10 |
500kHz PWM Synchronous Buck Control IC
|
Micrel Semiconductor
|
AP6508FE-13 |
500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
|
Diodes Incorporated
|
C5750X5R0J107K C2012COG1H220J IRDCIP2001-A HIP6311 |
500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
|
International Rectifier http://
|
IRDCIP2001-B |
IRDCiP2001-B, 500kHz, 60A, 3-phase Synchronous Buck Converter using iP2001
|
International Rectifier
|
IRDCIP2001-C |
IRDCiP2001-C, 500kHz, 80A, 4-phase Synchronous Buck Converter using iP2001
|
International Rectifier
|
HIP6004B FN4567 |
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor(脉冲带宽调节控制和输出电压检测电 巴克和同步整流(PWM)控制器和输出电压监视器(脉冲带宽调节控制和输出电压检测电路) From old datasheet system
|
Intersil, Corp.
|
MAX8554 MAX8553 MAX8553EEE MAX8554EEE X8553-MAX855 |
4.5V to 28V Input. Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications 4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications Quadruple Positive-NAND Gates With Schmitt-trigger Inputs 14-CFP -55 to 125
|
Maxim Integrated Products, Inc.
|
HIP6004B03 HIP6004BCR HIP6004BCV HIP6004B HIP6004B |
Microprocessor DC-DC Converter, Buck/Sync-Rectifier, TTL 5-Bit VID DAC, % Reg Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
|
INTERSIL[Intersil Corporation] http://
|
HIP6004E HIP6004ECB HIP6004ECV HIP6004ECV-T |
Microprocessor DC-DC Converter, Buck/Sync-Rectifier, 5-Bit VID DAC, % Reg Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor Analog IC
|
Intersil Corporation
|
F72820SG F72820 |
Synchronous Buck PWM DC-DC Controller
|
Feature Integration Technology Inc.
|
MIC2168AYMM MIC2168A MIC2168ABMM |
1MHz PWM Synchronous Buck Control IC
|
MICREL[Micrel Semiconductor]
|
ADP1828LC-EVALZ |
Synchronous Buck PWM, Step-Down, DC-to-DC Controller
|
Analog Devices, Inc.
|